PART |
Description |
Maker |
BT139F BT139F-500 BT139F-500F BT139F-500G BT139F-6 |
Triacs(??????纭? Triacs(双向可控 500 V, 16 A, TRIAC Triacs 600 V, 16 A, TRIAC Triacs 800 V, 16 A, TRIAC Transient Voltage Suppressor Diodes
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
Q4008L4 Q2N4 Q6004F31 Q6004F41 Q6004L4 Q6004L3 Q2N |
Triacs (0.8 A to 35 A) Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVP00; Number of Contacts:6; Connector Shell Size:9; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight Triacs (0.8 A to 35 A) 双向0.8 A5甲) Triacs (0.8 A to 35 A) 双向.8 A5甲) Triacs (0.8 A to 35 A) 双向.8 A35甲) TV 6C 6#22D PIN WALL RECP TRIACS (0.8A TO 35A) RoHS Compliant
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
BT137B BT137B-600D BT137B-800E BT137B-800G BT137B- |
Triacs logic level Triacs sensitive gate
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
BTA12-800C BTB12-600BWRG BTB12-600BRG BTB12-600CWR |
800 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC,800V V(DRM),12A I(T)RMS,TO-220 250MHz Wideband Transconductance Amplifier with Differential Output 330mW, Ultra-Small, Audio Power Amplifiers with Shutdown 12A TRIACS 2A双向可控 12A TRIACS 12A双向可控
|
ST Microelectronics Philips STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
BTA208B-500D BTA208B-500E BTA208B-500F BTA208B-600 |
Three quadrant triacs guaranteed commutation Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 500 V, 8 A, TRIAC, TO-263 Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 800 V, 8 A, TRIAC, TO-263 Transient Voltage Suppressor Diodes
|
NXP Semiconductors N.V. Philips Semiconductors
|
Q4004LT Q6015LT Q6015LTH Q2010LT Q4015LT Q4015LTH |
Internally Triggered Triacs (4 A to 15 A) Power Driver IC; Driver Type:Sink; Source Output Current Max:600mA; Package/Case:22-DIP; Leaded Process Compatible:Yes; No. of Drivers:8; Output Current Max:600mA; Output Voltage Max:50V; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes Internally Triggered Triacs (4 A to 15 A) 内部触发双向 A5甲) Internally Triggered Triacs (4 A to 15 A) 内部触发双向 A15甲)
|
TECCOR[Teccor Electronics] Littelfuse, Inc. TE Connectivity, Ltd.
|
BTA216X-800B BTA216X-800C BTA216X-800F BTA216X BTA |
Three quadrant triacs guaranteed commutation Three quadrant triacs high commutation
|
http:// NXP Semiconductors PHILIPS[Philips Semiconductors]
|
BTA208S BTA208S-800B BTA208S-800C BTA208S-800F BTA |
Three quadrant triacs guaranteed commutation Three quadrant triacs high commutation
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
T2035H07 T2035H-6I-TR T2050H-6I-TR T2050H-6G-TR T2 |
600 V, 20 A, SNUBBERLESS TRIAC High temperature 20 A Snubberless TRIACs High temperature 20 A Snubberless⑩ TRIACs
|
STMicroelectronics
|
BT137X-600F BT137X-800 BT137X BT137X-800E BT137X-8 |
DIODE ZENER SINGLE 150mW 7.5Vz 5mA-Izt 0.0604 1uA-Ir 5 SOT-523 3K/REEL 500 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC Octal Buffers and Line Drivers with 3-State Outputs 20-LCCC -55 to 125 Triacs logic level Triacs sensitive gate TRIAC|600VV(DRM)|8AI(T)RMS|SOT-186A
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA208B BTA208B-800C NXPSEMICONDUCTORS-BTA208-600C |
Three quadrant triacs high commutation Three quadrant triacs high commutation(三象限双向高换向可控 800 V, 8 A, SNUBBERLESS TRIAC, TO-263
|
NXP Semiconductors N.V. Philips Semiconductors
|